PART |
Description |
Maker |
MC68HC711G5 MC68HC11G5 MC68HC11G5CFN MC68HC11G7 |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller
|
MOTOROLA[Motorola, Inc]
|
MC68HC705BD3 MC68HC05BD5 M68HC705UGANG M68HC705UPG |
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
|
FREESCALE[Freescale Semiconductor, Inc]
|
68HC705SR3 |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
|
Motorola, Inc.
|
MC68HC705SR3 68HC705SR3 |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
|
MOTOROLA[Motorola, Inc]
|
MC68HC11G5 MC68HC11G7 |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Unit
|
Freescale Semiconductor, Inc
|
MC68HC05L28 |
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
|
Freescale Semiconductor, Inc
|
MC68HC705X32 MC68HC05X32 MC68HC05X16 |
High-density complementary metal oxide semiconductor HCMOS) microcontroller unit
|
FREESCALE[Freescale Semiconductor, Inc]
|
MC68HC11KW1 |
High-density complementary metal oxide semiconductor HCMOS) microcontroller unit
|
Freescale Semiconductor
|
ISPLSI1032EA-170LT100 ISPLSI1032EA-200LT100 1032EA |
60 MHz in-system prommable high density PLD 170 MHz in-system prommable high density PLD 125 MHz in-system prommable high density PLD 100 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid; Number of Pairs:4 RoHS Compliant: Yes In-System Programmable High Density PLD 在系统可编程高密度可编程逻辑器件
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
HDRIGHTANGLE 781-M15-113R141 781-M15-113R001 781-M |
MALE-HIGH DENSITY MALE-HIGH DENSITY-MACHINED CONTACTS-RIGHT ANGLE
|
List of Unclassifed Manufacturers
|
MACH211SP-12 MACH211SP-7JC MACH211SP-7VC MACH211SP |
RES 35.7K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA SCREW MACHINE SLOTTED 6-32X3/4 High-Density EE CMOS Programmable Logic EE PLD, 16 ns, PQCC44 High-Density EE CMOS Programmable Logic 高密度电子工程CMOS可编程逻辑
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|